|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
19-2654; Rev 0; 10/02 58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP General Description The MAX1169 is a low-power, 16-bit successiveapproximation analog-to-digital converter (ADC). The device features automatic power-down, an on-chip 4MHz clock, a +4.096V internal reference, and an I2C-compatible 2-wire serial interface capable of both fast and high-speed modes. The MAX1169 operates from a single supply and consumes 5mW at the maximum conversion rate of 58.6ksps. AutoShutdownTM powers down the device between conversions, reducing supply current to less than 50A at a 1ksps throughput rate. The option of a separate digital supply voltage allows direct interfacing with +2.7V to +5.5V digital logic. The MAX1169 performs a unipolar conversion on its single analog input using its internal 4MHz clock. The full-scale analog input range is determined by the internal reference or by an externally applied reference voltage ranging from 1V to AVDD. The four address select inputs (ADD0 to ADD3) allow up to 16 MAX1169 devices on the same bus. The MAX1169 is packaged in a 14-pin TSSOP and offers both commercial and extended temperature ranges. Refer to the MAX1069 data sheet for a 14-bit device in a pin-compatible package. I2C-Compatible Features o High-Speed Serial Interface 400kHz Fast Mode 1.7MHz High-Speed Mode o +4.75V to +5.25V Single Supply o +2.7V to +5.5V Adjustable Logic Level o Internal +4.096V Reference o External Reference: 1V to AVDD o Internal 4MHz Conversion Clock o 58.6ksps Sampling Rate o AutoShutdown Between Conversions o Low Power 5.0mW at 58.6ksps 4.2mW at 50ksps 2.0mW at 10ksps 0.23mW at 1ksps 3W in Shutdown o Small 14-Pin TSSOP Package MAX1169 Ordering Information PART MAX1169ACUD* TEMP RANGE 0C to +70C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C PINPACKAGE 14 TSSOP 14 TSSOP 14 TSSOP 14 TSSOP 14 TSSOP 14 TSSOP INL (LSB) 2 2 4 2 2 4 Applications Hand-Held Portable Applications Medical Instruments Battery-Powered Test Equipment Solar-Powered Remote Systems Received-Signal-Strength Indicators System Supervision MAX1169BCUD* MAX1169CCUD MAX1169AEUD* MAX1169BEUD* MAX1169CEUD* *Future product--contact factory for availability. Pin Configuration TOP VIEW DGND 1 SCL SDA 2 3 14 ADD3 13 REF 12 REFADJ ADD2 4 ADD1 5 ADD0 6 DVDD 7 MAX1169 11 AGNDS 10 AIN 9 8 AGND AVDD AutoShutdown is a trademark of Maxim Integrated Products, Inc. TSSOP ________________________________________________________________ Maxim Integrated Products 1 For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com. 58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP MAX1169 ABSOLUTE MAXIMUM RATINGS AVDD to AGND .........................................................-0.3V to +6V DVDD to DGND .........................................................-0.3V to +6V AGND to DGND.....................................................-0.3V to +0.3V AGNDS to AGND...................................................-0.3V to +0.3V AIN, REF, REFADJ to AGND....................-0.3V to (AVDD + 0.3V) SCL, SDA, ADD_ to DGND.......................................-0.3V to +6V Maximum Current into Any Pin............................................50mA Continuous Power Dissipation (TA = +70C) 14-Pin TSSOP (derate 9.1mW/C above +70C) .........727mW Operating Temperature Ranges MAX1169_CUD ..................................................0C to +70C MAX1169_EUD ................................................-40C to +85C Storage Temperature Range .............................-65C to +150C Junction Temperature ......................................................+150C Lead Temperature (soldering, 10s) .................................+300C Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ELECTRICAL CHARACTERISTICS (AVDD = +4.75V to +5.25V, DVDD = +2.7V to +5.5V, fSCL = 1.7MHz (33% duty cycle), fSAMPLE = 58.6ksps, VREF = +4.096V, external reference applied to REF, REFADJ = AVDD, CREF = 10F, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) PARAMETER DC ACCURACY (Note 1) Resolution MAX1169A Relative Accuracy (Note 2) INL MAX1169B MAX1169C MAX1169A, no missing codes Differential Nonlinearity Offset Error Offset-Error Temperature Coefficient Gain Error Gain Temperature Coefficient DYNAMIC PERFORMANCE (fIN(sine wave) = 1kHz, VIN = VREF(P-P), fSAMPLE = 58.6ksps) Signal-to-Noise Plus Distortion Total Harmonic Distortion Spurious-Free Dynamic Range Signal-to-Noise Ratio Full-Power Bandwidth Full-Linear Bandwidth CONVERSION RATE (Figure 11) Conversion Time (SCL Stretched Low) Throughput Rate (Note 4) Internal Clock Frequency Track/Hold Acquisition Time Aperture Delay, Figure 11c (Note 6) tCONV fSAMPLE fCLK tACQ tAD (Note 5) Fast mode High-speed mode 1100 50 30 Fast mode High-speed mode Fast mode High-speed mode 4 7.1 5.8 7.5 6 19 58.6 s ksps MHz ns ns SINAD THD SFDR SNR FPBW -3dB point SINAD > 81dB Up to the 5th harmonic 92 87 86 90 -102 105 90 4 33 -90 dB dB dB dB MHz kHz (Note 3) DNL MAX1169B, no missing codes MAX1169C 2 1.0 0.25 0.1 0.5 -1.0 16 2 2 4 1 1.5 2 5 mV ppm/C %FSR ppm/C LSB LSB Bits SYMBOL CONDITIONS MIN TYP MAX UNITS 2 _______________________________________________________________________________________ 58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP ELECTRICAL CHARACTERISTICS (continued) (AVDD = +4.75V to +5.25V, DVDD = +2.7V to +5.5V, fSCL = 1.7MHz (33% duty cycle), fSAMPLE = 58.6ksps, VREF = +4.096V, external reference applied to REF, REFADJ = AVDD, CREF = 10F, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) PARAMETER Aperture Jitter, Figure 11c ANALOG INPUT (AIN) Input Voltage Range Input Leakage Current Input Capacitance REF Output Voltage Reference Temperature Coefficient Reference Short-Circuit Current REFADJ Output Voltage REFADJ Input Range EXTERNAL REFERENCE (REFADJ = AVDD) REFADJ Buffer Disable Voltage REFADJ Buffer Enable Voltage Reference Input Voltage Range REF Input Current IREF (Note 7) VREF = +4.096V, VIN = VREF(P-P), fIN(sine wave) = 1kHz, fSAMPLE = 58.6ksps VREF = +4.096V, shutdown DIGITAL INPUTS/OUTPUTS (SCL, SDA) Input High Voltage Input Low Voltage Input Hysteresis Input Current Input Capacitance Output Low Voltage VIH VIL VHYST IIN CIN VOL ISINK = 3mA 0.7 x DVDD 0.3 x DVDD 0.1 x DVDD 15 0.4 0.1 x DVDD 10 0.7 x DVDD 0.3 x DVDD V V V A pF V 1.0 27 0.1 Pull REFADJ high to disable the internal bandgap reference and reference buffer AVDD - 0.1 AVDD - 0.4 AVDD V V V A For small adjustments, from 4.096V CIN VREF TCREF IREFSC 4.056 TA = 0C to +70C TA = -40C to +85C 4.056 VAIN On/off-leakage current, VAIN = 0 or AVDD, no clock, fSCL = 0 0 0.01 35 4.096 20 35 10 4.096 60 4.136 4.136 VREF 10 V A pF V ppm/C mA V mV SYMBOL tAJ Fast mode High-speed mode CONDITIONS MIN TYP 100 100 MAX UNITS ps MAX1169 INTERNAL REFERENCE (bypass REFADJ with 0.1F to AGND and REF with 10F to AGND) ADDRESS SELECT INPUTS (ADD3, ADD2, ADD1, ADD0) Input High Voltage Input Low Voltage Input Hysteresis V V V _______________________________________________________________________________________ 3 58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP MAX1169 ELECTRICAL CHARACTERISTICS (continued) (AVDD = +4.75V to +5.25V, DVDD = +2.7V to +5.5V, fSCL = 1.7MHz (33% duty cycle), fSAMPLE = 58.6ksps, VREF = +4.096V, external reference applied to REF, REFADJ = AVDD, CREF = 10F, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) PARAMETER Input Current Input Capacitance POWER REQUIREMENTS (AVDD, AGND, DVDD, DGND) Analog Supply Voltage Digital Supply Voltage AVDD DVDD Internal reference fSAMPLE = 10ksps (powered down between conversions, fSAMPLE = 1ksps R/W = 0) Shutdown Internal reference (always on, R/W = 1) fSAMPLE = 10ksps fSAMPLE = 1ksps Shutdown fSAMPLE = 58.6ksps External reference (REFADJ = AVDD) fSAMPLE = 58.6ksps Digital Supply Current IDVDD fSAMPLE = 10ksps fSAMPLE = 1ksps Shutdown Power-Supply Rejection Ratio Serial Clock Frequency Bus Free Time Between a STOP and a START Condition Hold Time for Start Condition Low Period of the SCL Clock High Period of the SCL Clock Setup Time for a Repeated START Condition (Sr) Data Hold Time Data Setup Time Rise Time of Both SDA and SCL Signals, Receiving Fall Time of SDA Transmitting Setup Time for STOP Condition Capacitive Load for Each Bus Line Pulse Width of Spike Suppressed PSRR fSCL tBUF tHD, STA tLOW tHIGH tSU, STA tHD, DAT tSU, DAT tR tF tSU, STO CB tSP (Note 10) (Note 10) (Note 9) 1.3 0.6 1.3 0.6 0.6 0 100 20 + 0.1CB 20 + 0.1CB 0.6 400 50 300 300 900 AVDD = 5V 5%, full-scale input (Note 8) TIMING CHARACTERISTICS FOR 2-WIRE FAST MODE (Figure 1a and Figure 2) 400 kHz s s s s s ns ns ns ns s pF ns fSAMPLE = 10ksps fSAMPLE = 1ksps Shutdown fSAMPLE = 58.6ksps 4.75 2.7 1.8 0.7 40 0.4 1.8 1.4 1.1 0.4 0.90 0.36 40 0.4 260 65 6 0.2 5 5 16 LSB/V 5 400 A 5 1.8 5 2.5 5.25 5.5 2.5 V V mA A mA A mA A 15 SYMBOL CONDITIONS MIN TYP MAX 10 UNITS A pf fSAMPLE = 58.6ksps Analog Supply Current IAVDD 4 _______________________________________________________________________________________ 58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP ELECTRICAL CHARACTERISTICS (continued) (AVDD = +4.75V to +5.25V, DVDD = +2.7V to +5.5V, fSCL = 1.7MHz (33% duty cycle), fSAMPLE = 58.6ksps, VREF = +4.096V, external reference applied to REF, REFADJ = AVDD, CREF = 10F, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) PARAMETER Serial Clock Frequency Hold Time (Repeated) Start Condition Low Period of the SCL Clock High Period of the SCL Clock Setup Time for a Repeated START Condition Data Hold Time Data Setup Time Rise Time of SCL Signal (Current Source Enabled) Rise Time of SCL Signal After Acknowledge Bit Fall Time of SCL Signal Rise Time of SDA Signal Fall Time of SDA Signal Setup Time for STOP Condition Capacitive Load for Each Bus Line Pulse Width of Spike Suppressed SYMBOL fSCLH tHD, STA tLOW tHIGH tSU, STA tHD, DAT tSU, DAT tRCL tRCL1 tFCL tRDA tFDA tSU, STO CB tSP (Note 10) (Note 10) (Note 10) (Note 10) (Note 10) (Note 9) (Note 11) 160 320 120 160 0 10 10 20 20 20 20 160 400 10 80 160 80 160 160 150 CONDITIONS MIN TYP MAX 1.7 UNITS MHz ns ns ns ns ns ns ns ns ns ns ns ns pF ns MAX1169 TIMING CHARACTERISTICS FOR 2-WIRE HIGH-SPEED MODE (Figure 1b and Figure 2) Note 1: DC accuracy is tested at AVDD = +5.0V and DVDD = +3.0V. Performance at power-supply tolerance limits is guaranteed by power-supply rejection test. Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the full-scale range and offset have been calibrated. Note 3: Offset nullified. Note 4: One sample is achieved every 18 clocks in continuous conversion mode: 18 clocks fSAMPLE = + t CONV fSCL -1 Note 5: The track/hold acquisition time is two SCL cycles as illustrated in Figure 11: 1 t ACQ = 2 x fSCL Note 6: A filter on SDA and SCL delays the sampling instant and suppresses noise spikes less than 10ns in high-speed mode and 50ns in fast mode. Note 7: ADC performance is limited by the converter's noise floor, typically 225VP-P. Note 8: PSRR = [VFS (5.25V)- VFS (4.75V)] x 5.25V - 4.75V 2N VREF where N is the number of bits (16). _______________________________________________________________________________________ 5 58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP MAX1169 ELECTRICAL CHARACTERISTICS (continued) (AVDD = +4.75V to +5.25V, DVDD = +2.7V to +5.5V, fSCL = 1.7MHz (33% duty cycle), fSAMPLE = 58.6ksps, VREF = +4.096V, external reference applied to REF, REFADJ = AVDD, CREF = 10F, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.) Note 9: A master device must provide a data hold time for SDA (referred to VIL of SCL) in order to bridge the undefined region of SCL's falling edge (see Figure 1). Note 10: CB = total capacitance of one bus line in pF. tR and tF measured between 0.3 DVDD and 0.7 DVDD. Note 11: fSCL must meet the minimum clock low time plus the rise/fall times. A. F/S-MODE I2C SERIAL INTERFACE TIMING tR tF SDA tSU,DAT tLOW tHD,DAT tSU,STA tHD,STA tSU,STO tBUF SCL tHD,STA S B. HS-MODE I2C SERIAL INTERFACE TIMING tHIGH tR tF Sr A tRDA P S tFDA SDA tSU,DAT tLOW SCL tHD,STA tRCL S HS-MODE PARAMETERS ARE MEASURED FROM 30% TO 70%. tHD,DAT tSU,STA tHD,STA tBUF tSU,STO tHIGH tFCL Sr A tRCL1 P S F/S-MODE Figure 1. I2C Serial Interface Timing VDD IOL = 3mA DIGITAL I/O VOUT 400pF IOH = 0mA Figure 2. Load Circuit 6 _______________________________________________________________________________________ 58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP Typical Operating Characteristics (DVDD = +3.0V, AVDD = +5.0V, fSCL = 1.7MHz (33% duty cycle), fSAMPLE = 58.6ksps, VREF = +4.096V, external reference applied to REF, REFADJ = AVDD, CREF = 10F, TA = +25C, unless otherwise noted.) ANALOG SUPPLY CURRENT vs. ANALOG SUPPLY VOLTAGE (INTERNAL REFERENCE) MAX1169 toc01 MAX1169 ANALOG SUPPLY CURRENT vs. ANALOG SUPPLY VOLTAGE (EXTERNAL REFERENCE) MAX1169 toc02 ANALOG SHUTDOWN CURRENT vs. ANALOG SUPPLY VOLTAGE DVDD = 3V fSAMPLE = 0 R/W = 0 MAX1169 toc03 1.75 DVDD = 3V 1.73 1.71 IAVDD (mA) 830 DVDD = 3V 820 810 IAVDD (A) 800 790 780 770 760 TA = +85C TA = +70C TA = +25C TA = 0C TA = -40C 4.75 4.85 4.95 5.05 5.15 700 600 500 IAVDD (nA) 400 300 200 100 0 1.69 1.67 1.65 1.63 4.75 4.85 4.95 5.05 5.15 5.25 AVDD (V) TA = +85C TA = +70C TA = +25C TA = 0C TA = -40C TA = +85C TA = +70C TA = +25C TA = 0C TA = -40C 4.75 4.85 4.95 5.05 5.15 5.25 5.25 AVDD (V) AVDD (V) DIGITAL SUPPLY CURRENT vs. DIGITAL SUPPLY VOLTAGE MAX1169 toc04 DIGITAL SHUTDOWN CURRENT vs. DIGITAL SUPPLY VOLTAGE AVDD = 5V fSAMPLE = 0 R/W = 0 MAX1169 toc05 280 260 240 220 IDVDD (A) 200 180 160 140 120 100 2.7 3.1 3.5 3.9 4.3 4.7 5.1 TA = -40C TA = +85C AVDD = 5V 350 300 250 IDVDD (nA) TA = -40C TA = 0C 200 150 100 50 0 TA = +25C TA = +70C TA = +85C 5.5 2.7 3.1 3.5 3.9 4.3 4.7 5.1 5.5 DVDD (V) DVDD (V) OFFSET ERROR vs. TEMPERATURE MAX1169 toc06 GAIN ERROR vs. TEMPERATURE 0.006 GAIN ERROR (% FSR) 0.004 0.002 0 -0.002 -0.004 -0.006 -0.008 -40 -15 10 35 60 85 MAX1169 toc07 800 600 OFFSET ERROR (V) 400 200 0 -200 -400 -600 -800 -40 -15 10 35 60 0.008 85 TEMPERATURE (C) TEMPERATURE (C) _______________________________________________________________________________________ 7 58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP MAX1169 Typical Operating Characteristics (continued) (DVDD = +3.0V, AVDD = +5.0V, fSCL = 1.7MHz (33% duty cycle), fSAMPLE = 58.6ksps, VREF = +4.096V, external reference applied to REF, REFADJ = AVDD, CREF = 10F, TA = +25C, unless otherwise noted.) SUPPLY CURRENT vs. CONVERSION RATE (HIGH-SPEED MODE, INTERNAL REFERENCE) MAX1169 toc08 SUPPLY CURRENT vs. CONVERSION RATE (HIGH-SPEED MODE, EXTERNAL REFERENCE) 800 SUPPLY CURRENT (A) 700 600 500 400 300 200 100 0 IDVDD, R/W = 1 OR 0 EXTERNAL REFERENCE, fSCL = 1.7MHz MAX1169 toc09 2000 1800 1600 SUPPLY CURRENT (A) 1400 1200 1000 800 600 400 200 0 0 10 20 30 40 50 60 IDVDD, R/W = 1 OR 0 IAVDD, R/W = 0 INTERNAL REFERENCE, fSCL = 1.7MHz IAVDD, R/W = 1 900 IAVDD, R/W = 1 OR 0 70 0 10 20 30 40 50 60 70 CONVERSION RATE (ksps) CONVERSION RATE (ksps) SUPPLY CURRENT vs. CONVERSION RATE (FAST MODE, INTERNAL REFERENCE) MAX1169 toc10 SUPPLY CURRENT vs. CONVERSION RATE (FAST MODE, EXTERNAL REFERENCE) EXTERNAL REFERENCE, fSCL = 400kHz MAX1169 toc11 1800 1600 SUPPLY CURRENT (A) 1400 1200 1000 800 600 400 200 0 0 INTERNAL REFERENCE, fSCL = 400kHz IAVDD, R/W = 1 600 500 SUPPLY CURRENT (A) IAVDD, R/W = 1 OR 0 400 300 200 IDVDD, R/W = 1 OR 0 100 0 IAVDD, R/W = 0 IDVDD, R/W = 1 OR 0 5 10 15 20 25 0 5 10 15 20 25 CONVERSION RATE (ksps) CONVERSION RATE (ksps) 8 _______________________________________________________________________________________ 58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP Typical Operating Characteristics (continued) (DVDD = +3.0V, AVDD = +5.0V, fSCL = 1.7MHz (33% duty cycle), fSAMPLE = 58.6ksps, VREF = +4.096V, external reference applied to REF, REFADJ = AVDD, CREF = 10F, TA = +25C, unless otherwise noted.) INTERNAL REFERENCE VOLTAGE vs. REF LOAD fSCL = 0 INTERNAL REFERENCE MODE LOAD APPLIED TO REF MAX1169 toc13 MAX1169 INTERNAL +4.096V REFERENCE VOLTAGE vs. ANALOG SUPPLY VOLTAGE DVDD = 3V 4.095 TA = +85C TA = +70C TA = +25C 4.085 TA = 0C 4.080 TA = -40C 4.075 4.75 4.85 4.95 5.05 5.15 5.25 AVDD (V) 3.90 0 MAX1169 toc12 4.100 4.20 4.15 4.10 VREF (V) VREF (V) 4.090 4.05 4.00 3.95 1 2 3 IREF (mA) 4 5 6 EXTERNAL REFERENCE CURRENT vs. EXTERNAL REFERENCE VOLTAGE MAX1169 toc14 EXTERNAL REFERENCE CURRENT AND REFERENCE VOLTAGE vs. VREFADJ 30 AIN = AGNDS 20 10 0 -10 IREFADJ 4.20 4.15 4.10 4.05 VREF -20 -30 4.00 3.95 3.95 4.00 4.05 4.10 VREFADJ (V) 4.15 4.20 4.25 VREF (V) MAX1169 toc15 35 AIN = AGNDS 30 25 IREF (A) 20 15 10 5 0 0 1 2 3 VREF (V) 4 5 6 58.6ksps fSCL = 1.7MHz 19ksps fSCL = 400kHz 4.25 _______________________________________________________________________________________ IREFADJ (A) 9 58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP MAX1169 Typical Operating Characteristics (continued) (DVDD = +3.0V, AVDD = +5.0V, fSCL = 1.7MHz (33% duty cycle), fSAMPLE = 58.6ksps, VREF = +4.096V, external reference applied to REF, REFADJ = AVDD, CREF = 10F, TA = +25C, unless otherwise noted.) SIGNAL-TO-NOISE RATIO vs. FREQUENCY MAX1169 toc16 SPURIOUS-FREE DYNAMIC RANGE vs. FREQUENCY MAX1169 toc17 DIFFERENTIAL NONLINEARITY vs. DIGITAL OUTPUT CODE 1.5 1.0 DNL (LSB) 0.5 0 -0.5 -1.0 -2.0 -2.5 0 16,384 32,768 49,152 65,536 MAX1169 toc18 120 110 100 90 80 SNR (dB) 120 110 100 90 80 SFDR (dB) 70 60 50 40 30 20 10 0 1 10 FREQUENCY (kHz) 2.0 70 60 50 40 30 20 10 0 1 10 FREQUENCY (kHz) 100 100 DIGITAL OUTPUT CODE TOTAL HARMONIC DISTORTION vs. FREQUENCY MAX1169 toc19 SINAD vs. FREQUENCY MAX1169 toc20 INTEGRAL NONLINEARITY vs. DIGITAL OUTPUT CODE 1.5 1.0 INL (LSB) 0.5 0 -0.5 -1.0 -1.5 -2.0 MAX1169 toc21 0 -10 -20 -30 -40 THD (dB) -50 -60 -70 -80 -90 -100 -110 -120 1 10 FREQUENCY (kHz) 120 110 100 90 80 SINAD (dB) 70 60 50 40 30 20 10 0 2.0 100 1 10 FREQUENCY (kHz) 100 0 16,384 32,768 49,152 65,536 DIGITAL OUTPUT CODE FFT fSAMPLE = 58.6ksps fIN(SINE WAVE) = 1kHz VIN = VREF(P-P) MAX1169 toc22 0 -20 MAGNITUDE (dB) -40 -60 -80 -100 -120 -140 0 5.86 11.72 17.56 23.44 29.30 FREQUENCY (kHz) 10 ______________________________________________________________________________________ 58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP Pin Description PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 NAME DGND SCL SDA ADD2 ADD1 ADD0 DVDD AVDD AGND AIN AGNDS REFADJ REF ADD3 Digital Ground Clock Input Data Input/Output Address Select Input 2 Address Select Input 1 Address Select Input 0 Digital Power Input. Bypass to DGND with a 0.1F capacitor. Analog Power Input. Bypass to AGND with a 0.1F capacitor. Analog Ground Analog Input Analog Signal Ground. Negative reference for analog input. Connect to AGND. Internal Reference Output and Reference Buffer Input. Bypass to AGND with a 0.1F capacitor. Connect REFADJ to AVDD to disable the internal bandgap reference and reference-buffer amplifier. Reference Buffer Output and External Reference Input. Bypass to AGND with a 10F capacitor when using the internal reference. Address Select Input 3 FUNCTION MAX1169 Detailed Description The MAX1169 ADC uses successive-approximation conversion (SAR) techniques and on-chip track-andhold (T/H) circuitry to capture and convert an analog signal to a serial 16-bit digital output. The MAX1169 performs a unipolar conversion on its single analog input using its internal 4MHz clock. The full-scale analog input range is determined by the internal reference or by an externally applied reference voltage ranging from 1V to AVDD. The flexible 2-wire serial interface provides easy connection to microcontrollers (Cs) and supports data rates up to 1.7MHz. Figure 3 shows the simplified functional diagram for the MAX1169 and Figure 4 shows the typical application circuit. voltage ASICs. The MAX1169 wakes up in shutdown mode when power is applied irrespective of the AVDD and DVDD sequence. Analog Input and Track/Hold The MAX1169 analog input contains a T/H capacitor, T/H switches, comparator, and a switched capacitor digital-to-analog converter (DAC) (Figure 5). As shown in Figure 11c, the MAX1169 acquisition period is the two clock cycles prior to the conversion period. The T/H switches are normally in the hold position. During the acquisition period, the T/H switches are in the track position and CT/H charges to the analog input signal. Before a conversion begins, the T/H switches move to the hold position retaining the charge on CT/H as a sample of the analog input signal. During the conversion interval, the switched capacitive DAC adjusts to restore the comparator input voltage to zero within the limits of 16-bit resolution. This is equivalent to transferring a charge of 35pF x (VAIN - VAGNDS) from C T/H to the binary weighted capacitive DAC, forming a digital representation of the analog input signal. During the conversion period, the MAX1169 holds SCL low (clock stretching). 11 Power Supply To maintain a low-noise environment, the MAX1169 provides separate analog and digital power-supply inputs. The analog circuitry requires a +5V supply and consumes only 900A at sampling rates up to 58.6ksps. The digital supply voltage accepts voltages from +2.7V to +5.5V to ensure compatibility with low- ______________________________________________________________________________________ 58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP MAX1169 6 5 4 14 3 2 4MHz INTERNAL OSCILLATOR CLOCK T/H IN SAR ADC OUT REF AV = 1.0 +4.096V REFERENCE 12 REFADJ 13 REF 5k MAX1169 OUTPUT SHIFT REGISTER ADD0 ADD1 ADD2 ADD3 SDA SCL CONTROL LOGIC AVDD AGND 8 9 7 DVDD 1 DGND AIN AGNDS 10 11 Figure 3. MAX1169 Simplified Functional Diagram 5.0V 8 0.1F 13 10F 12 0.1F 10 11 REFADJ AVDD MAX1169 7 DVDD 6 ADD0 5 ADD1 4 ADD2 SDA 3 2 SCL 3.0V C VDD 0.1F RP RP SDA SCL REF ANALOG SOURCE AIN AGNDS AGND 9 ADD3 DGND 1 I2C ADDRESS IS 0110111. 14 VSS Figure 4. Typical Application Circuit The time required for the T/H to acquire an input signal is a function of the analog input source impedance. If the input signal source impedance is high, lengthen the acquisition time by reducing fSCL. The MAX1169 provides two SCL cycles (tACQ) in which the track-andhold capacitance must acquire a charge representing the input signal. Minimize the input source impedance (RSOURCE) to allow the track-and-hold capacitance to 12 charge within the allotted time. RSOURCE should be less than 11.3k for fSCL = 400kHz and less than 2k for fSCL = 1.7MHz. RSOURCE is calculated with the following equation: RSOURCE 2 fSCL x In(2 x 2N ) x CIN - RIN ______________________________________________________________________________________ 58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP where RSOURCE is the analog input source impedance, fSCL is the maximum system SCL frequency, N is 16 (the number of bits of resolution), CIN is 35pF (the sum of CT/H and input stray capacitance), and RIN is 800 (the T/H switch resistances). To improve the input-signal bandwidth under AC conditions, drive AIN with a wideband buffer (>4MHz) that can drive the ADC's input capacitance and settle quickly (see the Input Buffer section). An RC filter at AIN reduces the input track-and-hold switching transient by providing charge for CT/H. data when the conversion is in progress. When the MAX1169 releases SCL, the master reads the conversion results at any clock rate up to 1.7MHz (Figure 11). MAX1169 Digital Interface The MAX1169 features an I2C-compatible, 2-wire serial interface consisting of a bidirectional serial data line (SDA) and a serial clock line (SCL). SDA and SCL facilitate bidirectional communication between the MAX1169 and the master at rates up to 1.7MHz. The master (typically a microcontroller) initiates data transfer on the bus and generates SCL. SDA and SCL require pullup resistors (500 or greater, Figure 4). Optional resistors (24) in series with SDA and SCL protect the device inputs from high-voltage spikes on the bus lines. Series resistors also minimize crosstalk and undershoot of the bus signals. Bit Transfer One data bit is transferred during each SCL clock cycle. Nine clock cycles are required to transfer the data into or out of the MAX1169. The data on SDA must remain stable during the high period of the SCL clock pulse as changes in SDA while SCL is high are control signals (see the START and STOP Conditions section). Both SDA and SCL idle high. START and STOP Conditions The master initiates a transmission with a START condition (S), a high-to-low transition on SDA with SCL high. The master terminates a transmission with a STOP condition (P), a low-to-high transition on SDA while SCL is high (Figure 7). The STOP condition frees the bus and places all devices in F/S mode (see the Bus Timing section). Use a repeated START condition (Sr) in place of a STOP condition to leave the bus active and in its current timing mode (see the HS Mode section). Analog Input Bandwidth The MAX1169 features input-tracking circuitry with a 4MHz small-signal bandwidth. The 4MHz input bandwidth makes it possible to digitize high-speed transient events and measure periodic signals with bandwidths exceeding the ADC's sampling rate by using undersampling techniques. Use anti-alias filtering to avoid high-frequency signals being aliased into the frequency band of interest. Analog Input Range and Protection Internal electrostatic discharge (ESD) protection diodes clamp AIN, REF, and REFADJ to AVDD and AGNDS/ AGND (Figure 6). These diodes allow the analog inputs to swing from (AGND - 0.3V) to (AVDD + 0.3V) without causing damage to the device. For accurate conversions, the inputs must not go more than 50mV beyond their rails. If the analog inputs exceed 300mV beyond their rails, limit the current to 2mA. Internal Clock The MAX1169 contains an internal 4MHz oscillator that drives the SAR conversion clock. During conversion, SCL is held low (clock stretching). An internal register stores *RSOURCE HOLD AIN TRACK CT/H REF MAX1169 CAPACITIVE DAC AVDD AIN MAX1169 REF REFADJ AGNDS AGND TRACK ANALOG SIGNAL SOURCE HOLD TRACK AGNDS *MINIMIZE RSOURCE TO ALLOW THE TRACK-AND-HOLD CAPACITANCE (CT/H) TO CHARGE TO THE ANALOG SIGNAL SOURCE VOLTAGE WITHIN THE ALLOTTED TIME (tACQ). HOLD Figure 5. Equivalent Input Circuit Figure 6. Internal Protection Diodes 13 ______________________________________________________________________________________ 58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP MAX1169 S SDA Sr P SCL Figure 7. START and STOP Conditions S SDA NOT ACKNOWLEDGE ACKNOWLEDGE SCL 1 2 8 9 Figure 8. Acknowledge Bits Acknowledge Bits Successful data transfers are acknowledged with an acknowledge bit (A) or a not-acknowledge bit (A). Both the master and the MAX1169 (slave) generate acknowledge bits. To generate an acknowledge, the receiving device must pull SDA low before the rising edge of the acknowledge-related clock pulse (ninth pulse) and keep it low during the high period of the clock pulse (Figure 8). To generate a not acknowledge, the receiver allows SDA to be pulled high before the rising edge of the acknowledge-related clock pulse and leaves it high during the high period of the clock pulse. Monitoring the acknowledge bits allows for detection of unsuccessful data transfers. An unsuccessful data transfer happens if a receiving device is busy or if a system fault has occurred. In the event of an unsuccessful data transfer, the master should reattempt communication at a later time. Slave Address A master initiates communication with a slave device by issuing a START condition followed by a slave address byte. As shown in Figure 9, the slave address byte consists of 7 address bits and a read/write bit (R/W). When idle, the MAX1169 continuously waits for a START condition followed by its slave address. When the MAX1169 recognizes its slave address, it acquires the analog input signal and prepares for conversion. The first 3 bits (MSBs) of the slave address have been factory programmed and are always 011. Connecting ADD3-ADD0 to DVDD or DGND, programs the last 4 bits (LSBs) of the slave address high or low. Since the MAX1169 does not require setup or configuration, the least significant bit (LSB) of the address byte (R/W) controls power-down. In external reference mode (REFADJ = AVDD), R/W is a don't care. In internal reference mode, setting R/W = 1 places the device in normal operation and setting R/W = 0 powers down the internal reference following the conversion (see the Internal Reference Shutdown section). After receiving the address, the MAX1169 (slave) issues an acknowledge by pulling SDA low for one clock cycle. Bus Timing At power-up, the MAX1169 bus timing defaults to fast mode (F/S mode), allowing conversion rates up to 19ksps. The MAX1169 must operate in high-speed mode (HS mode) to achieve conversion rates up to 58.6ksps. Figure 1 shows the bus timing for the MAX1169 2-wire interface. HS Mode At power-up, the MAX1169 bus timing is set for F/S mode. The master selects HS mode by addressing all devices on the bus with the HS mode master code 0000 1XXX (X = don't care). After successfully receiving the HS mode master code, the MAX1169 issues a not acknowledge, allowing SDA to be pulled high for one clock cycle (Figure 10). After the not acknowledge, the 14 ______________________________________________________________________________________ 58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP MAX1169 S SDA 0 1 1 ADD3 ADD2 ADD1 ADD0 R/W ACKNOWLEDGE SCL 1 2 3 4 5 6 7 8 9 A Figure 9. MAX1169 Slave Address Byte S SDA 0 0 0 0 1 X X X A Sr 1 2 3 4 5 6 7 8 9 F/S MODE HS MODE Figure 10. F/S-Mode to HS-Mode Transfer MAX1169 is in HS mode. The master must then send a repeated START followed by a slave address to initiate HS mode communication. If the master generates a STOP condition, the MAX1169 returns to F/S mode. Data Byte (Read Cycle) Initiate a read cycle to begin a conversion. A read cycle begins with the master issuing a START condition followed by 7 address bits and 1 read bit (R/W). The standard I2C-compatible interface requires that R/W = 1 to read from a device; however, since the MAX1169 does not require setup or configuration, the read mode is inherent and R/W controls power-down (see the Internal Reference Shutdown section). If the address byte is successfully received, the MAX1169 (slave) issues an acknowledge and begins conversion. As seen in Figure 11, the MAX1169 holds SCL low during conversion. When the conversion is complete, SCL is released and the master can clock data out of the device. The most significant byte of the conversion is available first and contains D15 to D8. The least significant byte contains D7 to D0. Data can be continuously converted as long as the master acknowledges the conversion results. Issuing a not acknowledge frees the bus, allowing the master to generate a STOP or repeated START. Applications Information Power-On Reset When power is first applied, internal power-on reset circuitry activates the MAX1169 in shutdown. When the internal reference is used, allow 12ms for the reference to settle when CREF = 10F and CREFADJ = 0.1F. Automatic Shutdown The MAX1169 automatic shutdown reduces the supply current to less than 0.6A between conversions. The MAX1169 I2C-compatible interface is always active. When the MAX1169 receives a valid slave address, the device powers up. The device is then powered down again when the conversion is complete. The automatic shutdown function does not change with internal or external reference. When the internal reference is chosen, the internal reference remains active between conversions unless internal reference shutdown is requested (see the Internal Reference Shutdown section). Internal Reference Shutdown The R/W bit of the slave address controls the MAX1169 internal reference shutdown. In external reference mode (REFADJ = AVDD), R/W is a don't care. In internal reference mode, setting R/W = 1 places the device in normal operation and setting R/W = 0 prepares the internal reference for shutdown. 15 ______________________________________________________________________________________ 58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP MAX1169 MASTER TO SLAVE SLAVE TO MASTER A. SINGLE CONVERSION 1 S 7 SLAVE ADDRESS 11 RA CLOCK STRETCH 8 RESULT 1 A 8 RESULT 1 1 NUMBER OF BITS A P OR Sr (MOST SIGNIFICANT BYTE) (LEAST SIGNIFICANT BYTE) tACQ tCONV B. CONTINUOUS CONVERSIONS 1 7 S SLAVE ADDRESS 11 RA CLOCK STRETCH 8 RESULT #1 1 A 8 RESULT #1 1 A CLOCK STRETCH 8 RESULT #2 (MOST SIGNIFICANT BYTE) tCONV 1 A NUMBER OF BITS (MOST SIGNIFICANT BYTE) (LEAST SIGNIFICANT BYTE) tACQ tCONV tACQ 8 RESULT #2 (LEAST SIGNIFICANT BIT) tACQ C. ACQUISITION DETAIL 1 A CLOCK STRETCH 8 RESULT #N 1 A 8 RESULT #N 1 1 NUMBER OF BITS A P OR Sr (MOST SIGNIFICANT BYTE) (LEAST SIGNIFICANT BYTE) tCONV SDA BIT3 BIT2 BIT1 BIT0 A D15 D14 D13 D12 SCL 5 6 7 8 9 CLOCK STRETCH tAJ tAD 1 2 3 4 tACQ tCONV ANALOG INPUT TRACK AND HOLD HOLD TRACK HOLD Figure 11. Read Cycle If the internal reference is used and R/W = 0, shutdown occurs when the master issues a not-acknowledge bit while reading the conversion results. The internal reference and internal reference buffer are disabled during shutdown, reducing the analog supply current to less than 1A. A dummy conversion is required to power up the internal reference. The MAX1169 internal reference begins powering up from shutdown on the 9th falling edge of a valid address byte. Allow 12ms for the internal reference to settle before obtaining valid conversion results. Reference Voltage The MAX1169 provides an internal or accepts an external reference voltage. The ADC input range is from VAGNDS to VREF. (See the Transfer Function section.) 16 ______________________________________________________________________________________ 58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP Internal Reference The MAX1169 contains an internal 4.096V bandgap reference. This bandgap reference is connected to REFADJ through a 5k resistor. Bypass REFADJ with a 0.1F capacitor to AGND. The MAX1169 reference buffer has a unity gain to provide +4.096V at REF. Bypass REF with a 10F capacitor to AGND when the internal reference is used (Figure 12). The internal reference is adjustable to 1.5% using the circuit of Figure 13. 4.096V SAR REF ADC AV = 1.0 REFADJ 12 MAX1169 5k 4.096V BANDGAP REFERENCE DGND 1 AGND 9 0.1F REF 13 10F MAX1169 External Reference For external reference operation, disable the internal reference by connecting REFADJ to AVDD. During conversion, an external reference at REF must deliver up to 100A of DC load current and have an output impedance of less than 10. For optimal performance, buffer the reference through an op amp and bypass REF with a 10F capacitor. Consider the MAX1169's equivalent input noise (38VRMS) when choosing a reference. Figure 12. Internal Reference Transfer Function The MAX1169 has a standard unipolar transfer function with a valid analog input voltage range from VAGNDS to V REF . Output data coding is binary with 1LSB = (VREF/2N) where N is the number of bits (16). Code transitions occur halfway between successive-integer LSB values. Figure 14 shows the MAX1169 input/output (I/O) transfer function. Input Buffer Most applications require an input buffer amplifier to achieve 16-bit accuracy. If the input signal is multiplexed, the input channel should be switched immediately after acquisition, rather than near the end of or 5.0V AVDD MAX1169 8 0.1F 4.096V SAR REF ADC AV = 1.0 REF 13 10F REFADJ 12 68k 0.1F 100k POTENTIOMETER 5k 4.096V BANDGAP REFERENCE DGND 1 AGND 9 150k Figure 13. Adjusting the Internal Reference ______________________________________________________________________________________ 17 58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP MAX1169 VREF 1...111 1...110 1...101 1...100 V 1LSB = REF 65536 BINARY OUTPUT CODE (LSB) grounds to the star analog ground. Connect the digital grounds to the star digital ground. Connect the digital ground plane to the analog ground plane at one point. For lowest noise operation, make the ground return to the star ground's power supply low impedance and as short as possible. High-frequency noise in the AV DD power supply degrades the ADC's high-speed comparator performance. Bypass AVDD to AGND with a 0.1F ceramic surface-mount capacitor. Make bypass capacitor connections as short as possible. If the power supply is very noisy, connect a 10 resistor in series with AVDD and a 4.7F capacitor from AVDD to AGND to create a lowpass RC filter. 0...011 0...010 0...001 0...000 VREF 0123 INPUT VOLTAGE (LSB) 65533 65535 Definitions Integral Nonlinearity Integral nonlinearity (INL) is the deviation of the values on an actual transfer function from a straight line. This straight line can be either a best-straight-line fit or a line drawn between the end points of the transfer function once offset and gain errors have been nullified. The MAX1169 INL is measured using the end-point method. AGNDS Figure 14. Unipolar Transfer Function after a conversion. This allows more time for the input buffer amplifier to respond to a large step-change in input signal. The input amplifier must have a high enough slew rate to complete the required output voltage change before the beginning of the acquisition time. At the beginning of acquisition, the internal sampling capacitor array connects to AIN (the amplifier output), causing some output disturbance. Ensure that the sampled voltage has settled to within the required limits before the end of the acquisition time. If the frequency of interest is low, AIN can be bypassed with a large enough capacitor to charge the internal sampling capacitor with very little ripple. However, for AC use, AIN must be driven by a wideband buffer (at least 4MHz), which must be stable with the ADC's capacitive load (in parallel with any AIN bypass capacitor used) and also settle quickly. Refer to Maxim's website at www.maxim-ic.com for application notes on how to choose the optimum buffer amplifier for your ADC application. Differential Nonlinearity Differential nonlinearity (DNL) is the difference between an actual step width and the ideal value of 1 LSB. A DNL error specification of less than 1 LSB guarantees no missing codes and a monotonic transfer function. Aperture Jitter Aperture jitter (tAJ) is the sample-to-sample variation in the time between the samples (Figure 11). Aperture Delay Aperture delay (tAD) is the time from the falling edge of SCL to the instant when an actual sample is taken (Figure 11). Signal-to-Noise Ratio For a waveform perfectly reconstructed from digital samples, signal-to-noise ratio (SNR) is the ratio of full-scale analog input (RMS value) to the RMS quantization error (residual error). The ideal, theoretical minimum analogto-digital noise is caused by quantization error only and results directly from the ADC's resolution (N bits): SNR = ((6.02 N) + 1.76) dB In reality, noise sources besides quantization noise exist, including thermal noise, reference noise, clock jitter, etc. Therefore, SNR is computed by taking the ratio of the RMS signal to the RMS noise, which includes all spectral components minus the fundamental, the first five harmonics, and the DC offset. Layout, Grounding, and Bypassing Careful printed circuit (PC) board layout is essential for the best system performance. Boards should have separate analog and digital ground planes and ensure that digital and analog signals are separated from each other. Do not run analog and digital (especially clock) lines parallel to one another, or digital lines underneath the device package. Figure 4 shows the recommended system ground connections. Establish an analog ground point at AGND and a digital ground point at DGND. Connect all analog 18 ______________________________________________________________________________________ 58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP Signal-to-Noise Plus Distortion Signal-to-noise plus distortion (SINAD) is the ratio of the fundamental input frequency's RMS amplitude to RMS equivalent of all other ADC output signals: SignalRMS SINAD(db) = 20 x log NoiseRMS MAX1169 V 2 + V32 + V42 + V52 = 20 x log 2 THD V1 where V1 is the fundamental amplitude, and V2 through V5 are the amplitudes of the 2nd- through 5th-order harmonics. Effective Number of Bits Effective number of bits (ENOB) indicates the global accuracy of an ADC at a specific input frequency and sampling rate. An ideal ADC's error consists of quantization noise only. With an input range equal to the ADC's full-scale range, calculate the ENOB as follows: SINAD - 1.76 ENOB = 6.02 Spurious-Free Dynamic Range Spurious-free dynamic range (SFDR) is the ratio of RMS amplitude of the fundamental (maximum signal component) to the RMS value of the next-largest distortion component. Chip Information TRANSISTOR COUNT: 18,269 PROCESS: BiCMOS Total Harmonic Distortion Total harmonic distortion (THD) is the ratio of the RMS sum of the input signal's first five harmonics to the fundamental itself, expressed as: ______________________________________________________________________________________ 19 58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP MAX1169 Package Information (The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to www.maxim-ic.com/packages.) TSSOP4.40mm.EPS Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time. 20 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2002 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products. |
Price & Availability of MAX1169 |